Part Number Hot Search : 
KBJ35 11EWA AT88SC D2475B AD974 ALD1116 5HA2D 20KW240
Product Description
Full Text Search
 

To Download K4096LS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sK4096LS no. a0774-1/5 features low on-resistance, low input capacitance, ultrahigh-speed switching. adoption of high reliability hvp process. attachment workability is good by mica-less package. a valanche resistance guarantee. specifications absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit drain-to-source voltage v dss 500 v gate-to-source voltage v gss 30 v drain current (dc) i dc *1 limited only by maximum temperature 8 a i dpack *2 sanyos ideal heat dissipation condition 7.1 a drain current (pulse) i dp pw 10 s, duty cycle 1% 32 a allowable power dissipation p d 2.0 w t c=25 c (sanyos ideal heat dissipation condition) 33 w channel temperature tch 150 c storage temperature tstg - -55 to +150 c a valanche energy (single pulse) *3 e as 397 mj a valanche current *4 i av 8a * 1 shows chip capability * 2 package limited * 3 v dd =99v, l=10mh, i av =8a * 4 l 10mh, single pulse marking : k4096 tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan ordering number : ena0774 specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, av equipment, communication device, office equipment, industrial equipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. 51607qb ti im tc-00000725 sanyo semiconductors d ata sheet 2sK4096LS n-channel silicon mosfet general-purpose switching device applications free datasheet http:///
2sK4096LS no. a0774-2/5 electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit drain-to-source breakdown voltage v (br)dss i d =10ma, v gs =0v 500 v zero-gate voltage drain current i dss v ds =400v, v gs =0v 100 a gate-to-source leakage current i gss v gs = 30v, v ds =0v 100 na cutoff voltage v gs (off) v ds =10v, i d =1ma 3 5 v forward transfer admittance ? yfs ? v ds =10v, i d =4a 2.2 4.5 s static drain-to-source on-state resistance r ds (on) i d =4a, v gs =10v 0.65 0.85 ? input capacitance ciss v ds =30v, f=1mhz 600 pf output capacitance coss v ds =30v, f=1mhz 130 pf reverse transfer capacitance crss v ds =30v, f=1mhz 28 pf t urn-on delay time t d (on) see specified test circuit. 18.5 ns rise time t r see specified test circuit. 46 ns t urn-off delay time t d (off) see specified test circuit. 75 ns fall time t f see specified test circuit. 33 ns t otal gate charge qg v ds =200v, v gs =10v, i d =8a 24 nc gate-to-source charge qgs v ds =200v, v gs =10v, i d =8a 4.5 nc gate-to-drain ?iller?charge qgd v ds =200v, v gs =10v, i d =8a 14 nc diode forward voltage v sd i s =8a, v gs =0v 0.9 1.2 v package dimensions unit : mm (typ) 7509-002 switching time test circuit avalanche resistance test circuit 16.0 14.0 3.6 3.5 7.2 16.1 0.7 2.55 2.55 2.4 1.2 0.9 0.75 0.6 1.2 4.5 2.8 123 10.0 3.2 1 : gate 2 : drain 3 : source sanyo : to-220fi(ls) pw=10 s d.c. 0.5% p. g r gs =50 ? g s d i d =4a r l =50 ? v dd =200v v out 2sK4096LS v in 10v 0v v in 50 ? 50 ? rg v dd l 10v 0v 2sK4096LS free datasheet http:///
2sK4096LS no. a0774-3/5 drain-to-source voltage, v ds -- v drain current, i d -- a gate-to-source voltage, v gs -- v drain current, i d -- a static drain-to-source on-state resistance, r ds (on) -- ? static drain-to-source on-state resistance, r ds (on) -- ? case temperature, tc -- c drain current, i d -- a forward transfer admittance, ? y fs ? -- s diode forward voltage, v sd -- v source current, i s -- a gate-to-source voltage, v gs -- v i d -- v ds i d -- v gs r ds (on) -- v gs r ds (on) -- tc i s -- v sd ? y fs ? -- i d drain current, i d -- a switching time, sw time -- ns sw time -- i d drain-to-source voltage, v ds -- v ciss, coss, crss -- pf ciss, coss, crss -- v ds it12332 it12331 3 2 it12334 it12333 - -50 --25 150 0.1 23 57 3 1.0 2 1.4 0.8 1.0 1.2 0.4 0.6 0.2 0.01 0.1 5 7 3 2 2 1.0 5 7 3 2 10 5 7 3 3 2 7 5 2 3 2 7 10 5 2 1.0 323 57 10 025507 5 100 125 25 c 75 c tc= - -25 c i d =4a - -25 c 25 c t c=75 c t c= --25 c 25 c 75 c v ds =10v t c=75 c 25 c - -25 c v gs =0v 020 10 30 100 2 3 10 5 2 7 1000 3 2 3 5 7 f=1mhz 10 5152030 25 0 0 5 25 15 10 20 5.5 6.0 6.5 7.0 7.5 10 8.0 8.5 9.0 9.5 5.0 0 0.5 1.0 3.0 1.5 2.5 2.0 0 0.2 0.4 2.0 1.0 1.2 1.4 1.6 1.8 0.8 0.6 6 4 2810 20 12 14 16 18 0 0 5 25 15 20 10 t c=25 c v gs =5v 10v 15v v ds =20v v gs =10v, i d =4a 8v 50 40 ciss crss coss 0.1 1.0 2 23 57 10 357 100 10 7 5 3 2 7 3 5 2 it12330 it12327 it12329 it12328 it12332 it12331 it12334 it12333 t d (off) t d (on) v dd =200v v gs =10v t f t r 6v free datasheet http:///
2sK4096LS no. a0774-4/5 t otal gate charge, qg -- nc gate-to-source voltage, v gs -- v drain-to-source voltage, v ds -- v drain current, i d -- a ambient temperature, ta -- c allowable power dissipation, p d -- w case temperature, tc -- c allowable power dissipation, p d -- w a s o v gs -- qg p d -- ta p d -- tc e as -- ta a valanche energy derating factor -- % ambient temperature, ta -- c 0 0 20 40 60 80 100 120 2.5 140 160 2.0 1.5 1.0 0.5 it12337 it12336 0.01 0.1 2 3 5 7 2 1.0 3 5 7 2 0.1 10 s 100 s 100ms 10ms 1ms dc operation 1.0 10 100 23 57 23 57 7 2 1000 35 2357 10 3 5 7 7 2 3 5 0 0 20 40 60 80 100 140 120 20 25 30 35 33 15 10 5 40 160 it12338 025 20 10 15 5 3 10 0 1 4 it12335 8 9 5 6 7 2 0 0 25 50 75 100 125 150 100 80 60 20 40 120 175 it10478 i dc (*1)=8a i dpack (*2)=7.1a v ds =200v i d =8 a operation in this area is limited by r ds (on). i dp =32a pw 10 s * 1. shows chip capability * 2. sanyo? ideal heat dissipation condition t c=25 c single pulse free datasheet http:///
2sK4096LS no. a0774-5/5 ps sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. note on usage : since the 2sK4096LS is a mosfet product, please avoid using this device in the vicinity of highly charged objects. this catalog provides information as of may, 2007. specifications and information herein are subject to change without notice. free datasheet http:///


▲Up To Search▲   

 
Price & Availability of K4096LS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X